PART |
Description |
Maker |
PIC16C62B-04/SO PIC16C62B-04/SP PIC16C62B-04/SS PI |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS OTP-based 8-bit ... 28-Pin 8-Bit CMOS Microcontrollers
|
Microchip
|
KS86P6104 KS86C6104 |
SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU, a wide range of integrated peripherals, and supports OTP devic
|
Samsung semiconductor
|
LC66356B LC662312A LC662316A LC66P2516 LC66516B LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, and 8 KB of On-Chip ROM 四位单片机与4,6微控制器 KB的片上ROM Four-Bit Single-Chip Microcontrollers with 4/ 6/ 8/ 12/ and 16 KB of On-Chip ROM 4-Bit Microcontroller Microcontroller 微控制器 Four-Bit Single-Chip Microcontrollers with 4/6/and 8 Four-Bit Single-Chip Microcontrollers with 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 and 8 KB of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip EPROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM 12 and 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers
|
Sanyo Electric Co., Ltd. Eutech Microelectronics, Inc. SANYO[Sanyo Semicon Device] http://
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
Z86E72 |
OTP IR Microcontrollers
|
Zilog, Inc.
|
HT48R50-1 HT48R50-2 |
8-bit OTP Microcontrollers
|
HOLTEK[Holtek Semiconductor Inc]
|
PCD3755A PCD3755AH PCD3755AP PCD3755AT PCD3755E PC |
8-bit microcontrollers with DTMF generator, 8 kbytes OTP and 128 bytes EEPROM
|
PHILIPS[Philips Semiconductors]
|
P87C524EBAA |
80C51 8-bit microcontrollers 16K/32K 512 OTP I2C watchdog timer
|
Philips
|
P87C524EBAA P87C524EBBB P87C528EBAA P87C528EFPN 87 |
80C51 8-bit microcontrollers 16K/32K 512 OTP, I2C, watchdog timer 80C51 8-bit microcontrollers 16K/32K, 512 OTP, I2C, watchdog timer
|
PHILIPS[Philips Semiconductors]
|
LC651431F LC651431L LC651431N LC651432F LC651432L |
CMOS IC Four-Bit CMOS Microcontrollers for Small-Scale Control Applications
|
SANYO[Sanyo Semicon Device]
|
PIC16C924-08/CL PIC16C924-08/SP PIC16C924-08I/CL P |
8-Bit CMOS Microcontroller with LCD Driver OTP 8-Bit CMOS MCU with EEPROM Data Memory
|
Microchip
|